Part Number Hot Search : 
D2525P59 6EL1SCM CSMC301 UCN5804 HCPL788 XXXXXX 74HCT BU908
Product Description
Full Text Search
 

To Download KBPC102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
RECTIFIER SPECIALISTS
KBPC BR 1005 305 THRU KBPC BR 110 310
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
FEATURES
* Surge overloa rating: 50 Amperes peak * Low forward voltage drop * Small size: simple installation
BR-3
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: MIL-STD-202E, Method 208 guaranteed Symbols molded or marked on body * Mounting position: Any * Weight: 3.36 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
KBPC 1005 SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current at Tc = 50oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per element at 1.5A DC Maximum CD Reverse Current at Rated DC Blocking Voltage per element I 2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance ( Note1) Operating Temperature Range Storage Temperature Range NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts @TA = 25 oC @TC = 100 oC I2t CJ TJ T STG VF IR VRRM VRMS VDC IO IFSM BR305 50 35 50
KBPC 101 BR31 100 70 100
KBPC 102 BR32 200 140 200
KBPC 104 BR34 400 280 400 3.0 50 1.0 10
KBPC 106 BR36 600 420 600
KBPC 108 BR38 800 560 800
KBPC 110 BR310 1000 700 1000 UNITS Volts Volts Volts Amps Amps Volts uAmps
500 10 21 -55 to + 125 -55 to + 150 A 2 Sec pF
0 0
C C
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.47 x 0.47" (12x12mm) copper pads.
232
NEXT
BACK NEXT
EXIT BACK
RATING AND CHARACTERISTIC CURVES
(
KBPC1005 BR305 THRU
KBPC110 BR310
)
-S at He ink M ing nt ou
PC Bo ard Mo un tin g
DC COMPONENTS CO., LTD.
R
233
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT


▲Up To Search▲   

 
Price & Availability of KBPC102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X